Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX 7000 Datasheet (PDF) - Altera Corporation

MAX 7000 Datasheet PDF - Altera Corporation
Part # MAX 7000
Download  MAX 7000 Download
File Size   1492.06 Kbytes
Page   65 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device Family

MAX 7000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX 7000 Datasheet PDF - Altera Corporation

Part # MAX 7000
Download  MAX 7000 Click to download

File Size   1492.06 Kbytes
Page   65 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device Family

MAX 7000 Datasheet (HTML) - Altera Corporation


MAX 7000 Product details

Features
■ High-performance, EEPROM-based programmable logic devices
(PLDs) based on second-generation MAX® architecture
■ 5.0-V in-system programmability (ISP) through the built-in
IEEE Std. 1149.1 Joint Test Action Group (JTAG) interface available in
MAX 7000S devices
– ISP circuitry compatible with IEEE Std. 1532
■ Includes 5.0-V MAX 7000 devices and 5.0-V ISP-based MAX 7000S
devices
■ Built-in JTAG boundary-scan test (BST) circuitry in MAX7000S
devices with 128 or more macrocells
■ Complete EPLD family with logic densities ranging from 600 to
5,000 usable gates (see Tables 1 and 2)
■ 5-ns pin-to-pin logic delays with up to 175.4-MHz counter
frequencies (including interconnect)
■ PCI-compliant devices available




Similar Part No. - MAX 7000

ManufacturerPart #DatasheetDescription
logo
Shanghai Mixinno Microe...
MAX 2018A MIXINNO-MAX 2018A Datasheet
383Kb / 9P
5W Single Channel Class F Audio Power Amplifier
Rev 1.3 Oct. 2013
More results


Similar Description - MAX 7000

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
Programmable Logic Device Family
EPF6016ATI144-3N ALTERA-EPF6016ATI144-3N Datasheet
405Kb / 52P
Programmable Logic Device Family
EPM7064SLC44-10 ALTERA-EPM7064SLC44-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128SLC84-10 ALTERA-EPM7128SLC84-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-10 ALTERA-EPM7128STC100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
Programmable Logic Device Family
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com